Part Number Hot Search : 
C2535A TLGC191P TC11CP 2E221 RF203 2E221 T2802B CRO2330A
Product Description
Full Text Search
 

To Download 2SJ479STL-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SJ479(L), 2SJ479(S)
Silicon P Channel MOS FET
REJ03G0866-0300 Rev.3.00 Jun 05, 2006
Description
High speed power switching
Features
* Low on-resistance RDS (on) = 25 m typ. * 4 V gate drive devices. * High speed switching
Outline
RENESAS Package code: PRSS0004AE-A (Package name: LDPAK (L) )
4 4 1. Gate 2. Drain 3. Source 4. Drain
RENESAS Package code: PRSS0004AE-B (Package name: LDPAK (S)-(1) )
D
G 1 1 2 3 S 2
3
Rev.3.00 Jun 05, 2006 page 1 of 7
2SJ479(L), 2SJ479(S)
Absolute Maximum Ratings
(Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Notes: 1. PW 10 s, duty cycle 1% 2. Value at Tc = 25C Symbol VDSS VGSS ID ID (pulse) Note 1 IDR Pch Note 2 Tch Tstg Value -30 20 -30 -120 -30 50 150 -55 to +150 Unit V V A A A W C C
Electrical Characteristics
(Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Zero gate voltage drain current Gate to source leak current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note: 3. Pulse test Symbol V (BR) DSS V (BR) GSS IDSS IGSS VGS (off) RDS (on) RDS (on) |yfs| Ciss Coss Crss td (on) tr td (off) tf VDF trr Min -30 20 -- -- -1.0 -- -- 12 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 25 40 20 1700 950 260 20 290 170 130 -1.1 70 Max -- -- -10 10 -2.0 35 60 -- -- -- -- -- -- -- -- -- -- Unit V V A A V m m S pF pF pF ns ns ns ns V ns Test Conditions ID = -10 mA, VGS = 0 IG = 100 A, VDS = 0 VDS = -30 V, VGS = 0 VGS = 16 V, VDS = 0 ID = -1 mA, VDS = -10 V ID = -15 A, VGS = -10 V Note 3 ID = -15 A, VGS = -4 V Note 3 ID = -15 A, VDS = -10 V Note 3 VDS = -10 V VGS = 0 f = 1 MHz VGS = -10 V ID = -15 A RL = 0.67 IF = -30 A, VGS = 0 IF = -30 A, VGS = 0 diF/dt = 50 A/s
Rev.3.00 Jun 05, 2006 page 2 of 7
2SJ479(L), 2SJ479(S)
Main Characteristics
Power vs. Temperature Derating
100
Maximum Safe Operation Area
-500 -300
Pch (W)
ID (A)
10 s
75
-100
) ) s ot C 0 sh s 25 1 10 m s( c= 1 m (T n 10 tio ra pe O PW
Channel Dissipation
-30
=
Drain Current
DC
50
-10 -3 -1
25
Operation in this area is limited by RDS (on)
0
0
50
100
150
200
Ta = 25C -0.5 -0.1 -0.3 -1
-3
-10
-30
-100
Case Temperature
Tc (C)
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
-50 -10 V -6 V Pulse Test -50
Typical Transfer Characteristics
ID (A)
-40
-3.5 V
ID (A)
-5 V -4.5 V -4 V
Tc = -25C -40 25C -30 -3 V 75C
-30
Drain Current
Drain Current
-20 VGS = -2.5 V
-20
-10
-10 VDS = -10 V Pulse Test
0
0
-2
-4
-6
-8
-10
0
0
-1
-2
-3
-4
-5
Drain to Source Voltage
VDS (V)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage VDS (on) (V)
Drain to Source Saturation Voltage vs. Gate to Source Voltage
-1.0 Pulse Test -0.8
Static Drain to Source on State Resistance vs. Drain Current
Static Drain to Source on State Resistance RDS (on) ()
0.5 Pulse Test 0.2 0.1 0.05 VGS = -4 V
-0.6 ID = -20 A -0.4 -10 A -0.2 -5 A
0.02 0.01 -1
-10 V
0 0 -4 -8 -12 -16 -20
-2
-5
-10
-20
-50
Gate to Source Voltage
VGS (V)
Drain Current
ID (A)
Rev.3.00 Jun 05, 2006 page 3 of 7
2SJ479(L), 2SJ479(S)
Static Drain to Source on State Resistance vs. Temperature Forward Transfer Admittance vs. Drain Current
Forward Transfer Admittance |yfs| (S)
Static Drain to Source on State Resistance RDS (on) ()
0.10 Pulse Test 0.08 ID = -20 A 0.06 VGS = -4 V 0.04 -5 A, -10 A, -20 A -10 V 0 -40 0 40 80 120 160 -5 A, -10 A
50 20 Tc = -25C 10 5 2 1 0.5 0.2 0.1 -0.1 -0.2 -0.5 -1 -2 VDS = -10 V Pulse Test -5 -10 -20 -50 75C 25C
0.02
Case Temperature
Tc (C)
Drain Current ID (A) Typical Capacitance vs. Drain to Source Voltage
10000 5000
Body-Drain Diode Reverse Recovery Time
1000
Reverse Recovery Time trr (ns)
500 200 100 50 20 10 di / dt = 50 A / s VGS = 0, Ta = 25C -5 -10 -20 -50
Capacitance C (pF)
2000 1000 500
Ciss Coss
Crss 200 100 VGS = 0 f = 1 MHz 0 -4 -8 -12 -16 -20
5 -0.1 -0.2 -0.5 -1 -2
Reverse Drain Current
IDR (A)
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Switching Characteristics
VDS (V)
-10
-4
Switching Time t (ns)
VDD = -5 V -10 V -25 V
ID = -30 A
VGS (V)
0
0
1000 500 td(off) 200 100 50 20 10 tr td(on) VGS = -10 V, VDD = -10 V duty 1 % -5 -10 -20 -50 tf
Drain to Source Voltage
-20
VDS VDD = -25 V -10 V -5 V
VGS
-8
-30
-12
-40
-16
-50 0 16 32 48 64
-20 80
Gate to Source Voltage
5 -0.1 -0.2 -0.5 -1 -2
Gate Charge
Qg (nc)
Drain Current
ID (A)
Rev.3.00 Jun 05, 2006 page 4 of 7
2SJ479(L), 2SJ479(S)
Reverse Drain Current vs. Source to Drain Voltage
-50
Reverse Drain Current IDR (A)
Pulse Test
-40 -10 V -30 -5 V -20
VGS = 0, 5 V
-10
0 0 -0.4 -0.8 -1.2 -1.6 -2.0
Source to Drain Voltage
VSD
(V)
Normalized Transient Thermal Impedance vs. Pulse Width
Normalized Transient Thermal Impedance s (t)
3 Tc = 25C 1 D=1 0.5 0.3
0.2
0.1
0.1
0.05
0.02
ch - c (t) = s (t) * ch - c ch - c = 2.5C/W, Tc = 25C PDM
tp uls e
D= PW T
0.03
PW T
0.0
1
1
o sh
0.01 10
100
1m
10 m
100 m
1
10
Pulse Width PW (S)
Switching Time Test Circuit
Vin Vin Monitor D.U.T. RL Vout Monitor 10%
Waveform
90% 90% 90%
Vin -10 V
50
VDD = -10 V Vout td(on) 10% tr td(off) 10% tf
Rev.3.00 Jun 05, 2006 page 5 of 7
2SJ479(L), 2SJ479(S)
Package Dimensions
Package Name LDPAK(L) JEITA Package Code RENESAS Code PRSS0004AE-A Previous Code LDPAK(L) / LDPAK(L)V MASS[Typ.] 1.40g
Unit: mm
(1.4)
4.44 0.2 10.2 0.3 1.3 0.15
11.3 0.5 0.3 10.0 + 0.5 -
8.6 0.3
1.3 0.2 1.37 0.2
0.76 0.1 2.54 0.5 2.54 0.5
11.0 0.5
0.2 0.86 + 0.1 -
2.49 0.2
0.4 0.1
Package Name LDPAK(S)-(1)
JEITA Package Code SC-83
RENESAS Code PRSS0004AE-B
Previous Code LDPAK(S)-(1) / LDPAK(S)-(1)V
MASS[Typ.] 1.30g
Unit: mm
4.44 0.2 10.2 0.3
(1.4)
8.6 0.3
+ 0.3 - 0.5
10.0
(1.5)
(1.5)
2.49 0.2 0.2 0.1 + 0.1 -
7.8 7.0
2.2
1.37 0.2 1.3 0.2 2.54 0.5
0.3 3.0 + 0.5 -
0.2 0.86 + 0.1 -
0.4 0.1
2.54 0.5
Rev.3.00 Jun 05, 2006 page 6 of 7
1.7
1.3 0.15
7.8 6.6
2SJ479(L), 2SJ479(S)
Ordering Information
Part Name 2SJ479L-E 2SJ479STL-E Quantity 500 pcs 1000 pcs Box (Sack) Taping Shipping Container
Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of production before ordering the product.
Rev.3.00 Jun 05, 2006 page 7 of 7
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of 2SJ479STL-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X